Part Number Hot Search : 
CY28442 R1100 TGA2505 LHC12SA3 Z86E23 TEA2130 00031 M3401
Product Description
Full Text Search
 

To Download HMC197E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC197 / 197E
v02.0505
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Typical Applications
The HMC197 / HMC197E is ideal for: * MMDS & WirelessLAN * PCMCIA Wireless Cards * Portable WIreless
Features
Low Insertion Loss: 0.4 dB Ultra Small Package: SOT26 Input IP3: +45 dBm Positive Control: 0/+3V @ 10 uA
Functional Diagram
General Description
The HMC197 & HMC197E are low-cost SPDT switches in 6-lead SOT26 plastic packages for use in general switching applications which require very low insertion loss and very small size. The device can control signals from DC to 3 GHz and is especially suited for 900 MHz, 1.8 - 2.2 GHz, and 2.4 GHz ISM applications with less than 1 dB loss. The design provides exceptional insertion loss performance, ideal for filter and receiver switching. RF1 and RF2 are reflective shorts when "Off". The two control voltages require a minimal amount of DC current and offer compatibility with most CMOS & TTL logic families. See HMC221 for same performance in an alternate SOT26 pin-out.
10
SWITCHES - SMT
Electrical Specifi cations, TA = +25 C, Vctl = 0/+3 to +8 Vdc, 50 Ohm System
Parameter Frequency DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 2.5 GHz DC - 3.0 GHz 0.5 - 1.0 GHz 0.5 - 3.0 GHz 0.5 - 1.0 GHz 0.5 - 3.0 GHz DC - 3.0 GHz tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) 3 10 ns ns 24 24 18 14 20 16 14 10 25 23 40 38 Min. Typ. 0.4 0.45 0.7 0.8 28 28 22 18 30 22 17 13 30 29 45 43 Max. 0.7 0.8 0.9 1.1 Units dB dB dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm
Insertion Loss
Isolation
Return Loss
Input Power for 1dB Compression (Vctl = 0/+5V) Input Third Order Intercept (Vctl = 0/+5V) (Two-tone Input Power = +7 dBm Each Tone) Switching Characteristics
10 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC197 / 197E
v02.0505
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Insertion Loss
0 -0.5 INSERTION LOSS (dB) -1 -1.5 -2 -2.5 -3 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
Isolation
0
-10 ISOLATION (dB)
-20
-30
-40
-50 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
10
SWITCHES - SMT
Return Loss
0
RETURN LOSS(dB)
-10
-20
-30
-40 0 0.5 1 1.5 2 2.5 3 FREQUENCY (GHz)
Input 0.1 and 1.0 dB Compression vs. Control Voltage
35 INPUT POWER FOR 0.1 AND 1 dB COMPRESSION (dBm) 1 dB at 1900 MHz 30
Input Third Order Intercept Point vs. Control Voltage
48
INPUT THIRD ORDER INTERCEPT(dBm)
1 dB at 900 MHz
46
44
25 0.1 dB at 900 MHz 0.1 dB at 1900 MHz
42
20
40
900 MHz 1900 MHz
15 3 4 5 6 7 8 9 CONTROL INPUT (Vdc)
38 2 3 4 5 6 7 8 9 CONTROL INPUT (Vdc)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 31
HMC197 / 197E
v02.0505
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Compression vs. Control Voltage
Carrier at 900 MHz Control Input (Vdc) +3 +5 +8 Input Power for 0.1 dB Compression (dBm) 17 25 31 Input Power for 1.0 dB Compression (dBm) 20 30 33 Carrier at 1900 MHz Input Power for 0.1 dB Compression (dBm) 17 24 30 Input Power for 1.0 dB Compression (dBm) 20 29 32
Caution: Do not operate in 1dB compression at power levels above +31 dBm (Vctl = +5 Vdc) and do not "hot switch" power levels greater than +20 dBm (Vctl = +5Vdc). DC blocks are required at ports RFC, RF1 and RF2.
Distortion vs. Control Voltage
10
SWITCHES - SMT
Control Input (Vdc) +3 +5 +8
Third Order Intercept (dBm) +7 dBm Each Tone 900 MHz 41 45 46 1900 MHz 39 43 44
Truth Table
*Control Input Voltage Tolerances are 0.2 Vdc.
Control Input* A (Vdc) 0 +3 0 +5 0 +7 0 +8 B (Vdc) +3 0 +5 0 +7 0 +8 0 Control Current Ia (uA) -10 10 -55 55 -210 210 -280 280 Ib (uA) 10 -10 55 -55 210 -210 280 -280 Signal Path RF to RF1 ON OFF ON OFF ON OFF ON OFF RF to RF2 OFF ON OFF ON OFF ON OFF ON
10 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC197 / 197E
v02.0505
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Absolute Maximum Ratings
Control Voltage Range (A & B) Storage Temperature Operating Temperature ESD Sensitivity (HBM) -0.2 to +12 Vdc -65 to +150 C -40 to +85 C Class 1A
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
10
SWITCHES - SMT
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Package Information
Part Number HMC197 HMC197E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H197 XXXX 197E XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 33
HMC197 / 197E
v02.0505
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Typical Application Circuit
10
SWITCHES - SMT
Notes: 1. Set logic gate and switch Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface. 2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of 5 to 8 Volts applied to the CMOS logic gates. 3. DC Blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation. 4. Highest RF signal power capability is achieved with Vdd = +8V and A/B set to 0/+8V.
10 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC197 / 197E
v02.0505
GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Evaluation Circuit Board
10
SWITCHES - SMT
List of Materials for Evaluation PCB 101674 [1]
Item J1 - J3 J4 - J6 C1 - C3 U1 PCB [2] Description PCB Mount SMA RF Connector DC Pin 330 pF capacitor, 0603 Pkg. HMC197 / HMC197E SPDT Switch 101658 Evaluation PCB [1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should be generated with proper RF circuit design techniques. Signal lines at the RF port should have 50 ohm impedance and the package ground leads and package bottom should be connected directly to the ground plane similar to that shown above. The evaluation circuit board shown above is available from Hittite Microwave Corporation upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
10 - 35


▲Up To Search▲   

 
Price & Availability of HMC197E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X